Part Number Hot Search : 
1SS226 P4KE110 1SS226 CP85138 5233B 00AA1 AD8010 5945B
Product Description
Full Text Search
 

To Download TSR240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0 A SCHOTTKY BARRIER RECTIFIER TSR220 -TSR2100
2.0 A Schottky Barrier Rectifiers
Features
* * * * Low Forward Voltage Drop Low Power Loss, High Efficiency High Surge Current Capability High temperature soldering guaranteed: 260 C/10 seconds, /.0375" (9.5mm) lead length * RoHS compliant
DO-15
Mechanical Data
Case: Epoxy: Polarity: Terminals: Weight: DO-15, Molded Plastic UL 94V-0 Rate Flame Retardant Color Band Denotes Cathode End Axial leads, solderable per MIL-STD-202E, Method 208 Guaranteed 0.4 gram
Maximum Ratings & Electrical Characteristics (TAmbient=25C unless noted otherwise)
Symbols Description Max. recurrent peak reverse voltage Max. RMS voltage Max. DC blocking voltage Max. average forward rectified current (FIG.1) Peak forward surge current (Note 1) Max. instantaneous forward voltage at 2.0A Max. DC reverse current at rated DC blocking voltage TA =25C TA =100C 0.55 0.5 mA 20.0 50 110 -50 to +125 -65 to +150 C/W pF C C TSR 220 20 14 20 TSR 230 30 21 30 TSR 240 40 28 40 TSR 250 50 35 50 2.0 40 0.70 0.85 TSR 260 60 42 60 TSR 290 90 63 90 TSR 2100 100 70 100 Unit V V V A A V
VRRM VRMS VDC Io(AV) IFSM VF IR RJA CJ TJ TSTG
Typical thermal resistance, Junction to Ambient (Note2) Typical Junction Capacitance (Note3) Operating junction temperature range Storage Temperature Range
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAIT-FAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/JJ 2007-06-15 Page 1 of 4
2.0 A Schottky Barrier Rectifier TSR220 -TSR2100
NOTES: 1. 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) 2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.375"(9.5mm) Lead Length. 3. Measured at 1MHz and applied reverse voltage of 4.0Volts D.C.
Typical Characteristics Curves
Fig.1- Typical Forward Current Derating Curve Io (AV) Average Forward Current (A) IFSM Peak Forward Surge Current (A) Fig.2-Max. Non-repetitive Peak Forward Surge Current
Ambient Temperature (C) Fig.3- Typical Instantaneous Forward Characteristics IR Instantaneous Reverse Current (mA) IF Instantaneous Forward Current (A)
Number of Cycles at 60Hz Fig.4- Typical Reverse Characteristics
VF Instantaneous Forward Voltage (V) Percent of Rated Peak Reverse Voltage (%) Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 2 of 4
2.0 A Schottky Barrier Rectifier TSR220 -TSR2100
Fig.5-Typical junction capacitance CJ Junction Capacitance (pF)
Reverse Voltage (V)
Dimensions in inches (mm)
DO-15
Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 3 of 4
2.0 A Schottky Barrier Rectifier TSR220 -TSR2100
How to contact us
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of TSR240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X